PART |
Description |
Maker |
74LVT162240 74LVT162240MEA 74LVT162240MTD 74LVTH16 |
Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 12-Bit Asynchronous Binary Counters 16-TSSOP -40 to 85 Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25Series Resistors in the Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25 Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
BXB50-24S15FLT BXB50-48S05FLT BXB50-48S3V3FLT BXB5 |
Low voltage CMOS octal bus buffer (3-state inv.) with 5V tolerant inputs DC至DC转换 Low voltage CMOS 16-bit D-type latch (3-state) with 5 V tolerant inputs Low voltage CMOS quad 2 channel multiplexer (3-state) with 5V tolerant inputs Low voltage CMOS dual 4-input NAND gate with 5 V tolerant inputs Low voltage CMOS triple 3-input NOR gate with 5V tolerant inputs Low voltage CMOS dual 2 to 4 decoder/demultiplexer Low voltage CMOS octal bus buffer with 3 state outputs (non inverted) Low voltage quad 2 channel multiplexer with 5V tolerant inputs Low voltage CMOS hex Schmitt inverter with 5V tolerant inputs 33-50W Wide Input DC/DC Converters
|
3M Company ARTESYN[Artesyn Technologies]
|
TC74LCX16244AFT E004986 |
LOW-VOLTAGE 16-BIT BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS From old datasheet system LOW-VOLTAGE 16-BIT BUS BUFFER (INVERTED) WITH 5V TOLERANT INPUTS AND OUTPUTS
|
TOSHIBA[Toshiba Semiconductor]
|
74LCXH162244 74LCXH162244MEA 74LCXH162244MTD |
Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26з Series Resistors in Outputs 低电6位缓冲器/线与Bushold6з电阻的输出驱动器系列 Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26з Series Resistors in Outputs LVC/LCX/Z SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48
|
Fairchild Semiconductor, Corp.
|
74VCXH16244 74VCXH16244TTR |
LOW VOLTAGE CMOS 16-BIT BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV.) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics STMicroelectronics
|
74ALVC16244 74ALVC16244DTR |
Low?Voltage 16?Bit Buffer
|
ON Semiconductor
|
74ALVC16240 74ALVC16240DTR |
Low?Voltage 16?Bit Buffer
|
ON Semiconductor
|
MC74LCX16244DTG MC74LCX1624412 M74LCX16244DTR2G |
Low-Voltage CMOS 16-Bit Buffer
|
ON Semiconductor
|
MC74LCX16240DTR2 |
Low-Voltage CMOS 16-Bit Buffer
|
ON Semiconductor
|
TC74VCXH162827FT |
Low-Voltage 20-Bit Bus Buffer with Bushold
|
Toshiba Semiconductor
|
TC74VCXH16244FT TC74VCXH16244FT07 |
Low-Voltage 16-Bit Bus Buffer with Bushold
|
Toshiba Semiconductor
|